Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9708 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9708
Description  Speaker Cable, 2 Conductor 18 AWG, High Conductivity, Siamese
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9708 Datasheet(HTML) 1 Page - Belden Inc.

  9708 Datasheet HTML 1Page - Belden Inc. 9708 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9708
Speaker Cable, 2 Conductor 18 AWG, High Conductivity, Siamese
Product Description
Speaker Cable, 18 AWG stranded (16x30) ETP high-conductivity copper conductors, PVC insulation, parallel: (1) tinned, (1) bare.
Technical Specifications
Product Overview
Suitable Applications:
Speaker Cable
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
18
16x30
TC - Tinned Copper (High Conductivity) 1
18
16x30
BC - Bare Copper
1
Conductor Count:
2
Insulation
Material
Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.032 in
Outer Shield
Material
No Shield
Outer Jacket
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.11 x 0.22 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
6.48 Ohm/1000ft
Inductance
Nominal Inductance
0.22 µH/ft
Current
Max. Recommended Current [A]
4.2 Amps per Conductor at 25ºC
Voltage
Non-UL Voltage Rating
300 V RMS
Temperature Range


Similar Part No. - 9708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9708 FESTO-9708 Datasheet
54Kb / 1P
Memory module
logo
Wurth Elektronik GmbH &...
970800321 WURTH-970800321 Datasheet
68Kb / 2P
AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
970800471 WURTH-970800471 Datasheet
68Kb / 2P
AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
More results

Similar Description - 9708

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
8812WB BELDEN-8812WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, Waterblocked
04-14-2023
1862A BELDEN-1862A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CMP
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com