Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD751AP3 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TD751AP3
Description  SAW Duplexer For 751MHz / 781MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TD751AP3 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TD751AP3 Datasheet HTML 1Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 2Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 3Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 4Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 5Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 6Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TD751AP3
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Electrical Characteristics
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operation Temperature Range
°C
-30
-
+85
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
0
-
Tx Band Input Power Level within 777~ 787
MHz
dBm
30dBm > 50000 Hours, CW tone(Ta=+50
C)
Ant. Tx. Rx Terminating Impedance
-
50
-
Package type
P3
Length x Width
mm²
-
3.8 x 3.8
-
Height
mm
-
-
1.45
ELECTRICAL SPECIFICATION
PARAMETERS
CONDITION [MHZ]
UNIT
MINIMUM
TYPICAL
MAXIMUM
Tx_781MHz
Specifications
Insertion Loss
777~ 787
dB
-
2.2
2.5
Ripple
777~ 787
dBp-p
-
1.0
1.5
VSWR
777~ 787
-
-
1.7
2.2
Absolute Attenuation
1 ~ 746
dB
37
42
-
746 ~ 756
dB
45
48
-
758 ~ 768
dB
15
28
-
869 ~ 894
dB
40
48
-
1574.42 ~ 1576.42
dB
40
51
-
2328 ~ 2361
dB
30
41
-
3104 ~ 3148
dB
30
41
-
Rx_751MHz
Specifications
Insertion Loss
746 ~ 756
dB
-
1.9
2.5
Ripple
746 ~ 756
dBp-p
-
0.8
1.5
VSWR
746 ~ 756
-
-
1.5
2.2
Absolute Attenuation
1 ~ 716
dB
35
41
-
716 ~ 728
dB
40
50
-
777 ~ 787
dB
50
60
-
787 ~ 849
dB
38
44
-
1710 ~ 1755
dB
40
50
-
1850 ~ 1920
dB
35
45
-
Rx → Tx
Specifications
Isolation
777 ~ 787
dB
55
60
-
746 ~ 756
dB
45
48
-
*Note : Including losses due to Test PCB(0.3dB)
 SAW Duplexer For 751MHz / 781MHz
 Revision 0: June 2008


Similar Part No. - TD751AP3

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TD751BP3 TRANSKO-TD751BP3 Datasheet
816Kb / 6P
SAW Duplexer For 751MHz / 781MHz
Revision 0: November 2008
TD751CP3 TRANSKO-TD751CP3 Datasheet
446Kb / 7P
SAW Duplexer For 751MHz / 782MHz
Revision 0: November 2009
More results

Similar Description - TD751AP3

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0090A TAI-SAW-TF0090A Datasheet
326Kb / 12P
Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TF0091A TAI-SAW-TF0091A Datasheet
323Kb / 12P
Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
logo
TDK Electronics
B39182B8018P810 TDK-B39182B8018P810 Datasheet
237Kb / 12P
SAW Duplexer for Smallcell
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B7925P810 TDK-B39881B7925P810 Datasheet
191Kb / 11P
SAW Duplexer for femtocell
B39881B8009P810 TDK-B39881B8009P810 Datasheet
195Kb / 11P
SAW Duplexer for smallcells
B39881B8013P810 TDK-B39881B8013P810 Datasheet
198Kb / 11P
SAW Duplexer for smallcells
logo
Transko Electronics, In...
TD-0455Q4-C80 TRANSKO-TD-0455Q4-C80 Datasheet
605Kb / 7P
SAW DUPLEXER For Band31
Revision 0: March 2014
TD751BP3 TRANSKO-TD751BP3 Datasheet
816Kb / 6P
SAW Duplexer For 751MHz / 781MHz
Revision 0: November 2008
TD751CP3 TRANSKO-TD751CP3 Datasheet
446Kb / 7P
SAW Duplexer For 751MHz / 782MHz
Revision 0: November 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com