Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD751AP3 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TD751AP3
Description  SAW Duplexer For 751MHz / 781MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TD751AP3 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TD751AP3 Datasheet HTML 1Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 2Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 3Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 4Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 5Page - Transko Electronics, Inc. TD751AP3 Datasheet HTML 6Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TD751AP3
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Package Dimensions
Testing Environment
Marking Descriptions
X
Model Application
j
SAW Duplexer
X
Date Code (Year)
Y
Date Code (Month)
Pin Description
A, C, D, E, F, G, I, J, L
Ground
H
Rx Port(751.0MHz)
K
Antenna
B
Tx Port (781.0MHz)
X
j
X
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com