Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments TPA2000D4DAP Datasheet HTML 10Page - Texas Instruments TPA2000D4DAP Datasheet HTML 11Page - Texas Instruments TPA2000D4DAP Datasheet HTML 12Page - Texas Instruments TPA2000D4DAP Datasheet HTML 13Page - Texas Instruments TPA2000D4DAP Datasheet HTML 14Page - Texas Instruments TPA2000D4DAP Datasheet HTML 15Page - Texas Instruments TPA2000D4DAP Datasheet HTML 16Page - Texas Instruments TPA2000D4DAP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
13
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 21
−70
−80
10
0
20
50
100 200
500
1 k
−50
−30
−10
2 k
5 k 10 k 20 k
f − Frequency − Hz
HEADPHONE
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
20
30
−60
−40
−20
VDD = 5 V,
AV = 0 dB,
VO = 1 VRMS,
RL = 10 kΩ
CB = 1 µF
CB = 0.1 µF
CB = 2.5 V
Figure 22
0.1
0.01
0.002
0.001
20
50
100 200
500
1 k
0.5
1
10
2 k
5 k 10 k 20 k
f − Frequency − Hz
HEADPHONE
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
VDD = 5 V,
RL = 10 kΩ,
VO = 1 VRMS
0.005
0.02
0.05
0.2
5
AV = 20 dB
AV = 6 dB
AV = 0 dB
0.0005
Figure 23
HEADPHONE
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT VOLTAGE
VDD = 5 V,
RL = 10 kΩ,
AV = 0 dB
0.1m
0.2m
0.4m 0.6m 0.8m 1
2
VO − Output Voltage − V
0.1
0.01
0.002
0.001
0.5
1
10
0.005
0.02
0.05
0.2
5
f = 100 Hz
f = 1 kHz
f = 20 kHz
0.0005
Figure 24
VDD = 5 V,
VO = 1 VRMS,
RL = 10 kΩ,
AV = 0 dB
−70
−100
−110
−120
20
50
100 200
500
1 k
−60
−40
f − Frequency − Hz
HEADPHONE
CROSSTALK
vs
FREQUENCY
−20
2 k
5 k 10 k 20 k
−90
−80
−50
−30
Right to Left
Left to Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com