Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 2 Page - Texas Instruments

  TPA2000D4DAP Datasheet HTML 1Page - Texas Instruments TPA2000D4DAP Datasheet HTML 2Page - Texas Instruments TPA2000D4DAP Datasheet HTML 3Page - Texas Instruments TPA2000D4DAP Datasheet HTML 4Page - Texas Instruments TPA2000D4DAP Datasheet HTML 5Page - Texas Instruments TPA2000D4DAP Datasheet HTML 6Page - Texas Instruments TPA2000D4DAP Datasheet HTML 7Page - Texas Instruments TPA2000D4DAP Datasheet HTML 8Page - Texas Instruments TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
2
WWW.TI.COM
AVAILABLE OPTIONS
TA
PACKAGED DEVICE
TA
TSSOP (DAP)†
−40
°C to 85°C
TPA2000D4DAP
† The DAP package is available taped and reeled. To
order a taped and reeled part, add the suffix R to the
part number (e.g., TPA2000D4DAPR).
functional schematic
_
+
Gate
Drive
Deglitch
Logic
_
+
Rs2
100
Ω
_
+
Gain
Adjust
_
+
_
+
_
+
Rs1
100
Ω
Gate
Drive
Deglitch
Logic
_
+
Gain
Adjust
Gate
Drive
Deglitch
Logic
_
+
Rs1
100
Ω
_
+
Gain
Adjust
_
+ _
+
_
+
Rs2
100
Ω
Gate
Drive
Deglitch
Logic
_
+
Gain
Adjust
OC
Detect
OC
Detect
Startup
Protection
Logic
VDD ok
Thermal
Ramp
Generator
cmv
cmv
Biases
and
References
Input
Buffers
Gain
2
BYPASS
_
+
VDD
RINN
PVDDR
VDD
AGND
RINP
MODE
SD−z
GAIN1
GAIN0
COSC
ROSC
BYPASS
BYPASS
LINP
LINN
HPLIN
HPLGAIN
HPRIN
HPRGAIN
ROUTN
PGNDR
PVDDR
ROUTP
PGNDR
PVDDL
LOUTP
PGNDL
PVDDL
LOUTN
PGNDR
HPROUT
HPLOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com