Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAPR
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2000D4DAPR Datasheet HTML 3Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 4Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 5Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 6Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 7Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 8Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 9Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 10Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
7
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 2
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
No Filter
Ferrite Bead Filter
LC Filter
RL = 8 Ω, Multimedia Speaker
VDD = 5 V
EFFICIENCY
vs
OUTPUT POWER
PO − Output Power − W
Class-AB
Figure 3
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
Ferrite Bead Filter
Notebook Speaker
Class−AB
EFFICIENCY
vs
OUTPUT POWER
PO − Output Power − W
LC Filter
RL = 3 Ω, Notebook PC Speaker
VDD = 5 V
−140
+0
−120
−100
−80
−60
−40
−20
0
24k
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
22k
f − Frequency − Hz
FFT AT 1.5-W OUTPUT POWER
vs
FREQUENCY
VDD = 5 V,
fIN = fO = 1 kHz,
PO = 1.5 W,
Bandwidth = 20 Hz to 22 kHz,
16386 Frequency Bins
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com