Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAPR
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA2000D4DAPR Datasheet HTML 18Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 19Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 20Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 21Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 22Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 23Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 24Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 25Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
22
WWW.TI.COM
APPLICATION INFORMATION
midrail bypass capacitor, CBYP (continued)
Increasing the bypass capacitor reduces clicking and popping noise from power on/off and entering and leaving
shutdown. To have minimal pop, CBYP should be 10 times larger than CI.
(16)
CBYP ≥ 10 × CI
differential input
The differential input stage of the amplifier cancels any noise that appears on both input lines of a channel. To
use the TPA2000D4 EVM with a differential source, connect the positive lead of the audio source to the RINP
(LINP) input and the negative lead from the audio source to the RINN (LINN) input. To use the TPA2000D4 with
a single-ended source, ac ground the RINN and LINN inputs through a capacitor and apply the audio single to
the RINP and LINP inputs. In a single-ended input application, the RINN and LINN inputs should be ac-grounded
at the audio source instead of at the device inputs for best noise performance.
shutdown modes
The TPA2000D4 employs a shutdown mode of operation designed to reduce supply current, IDD, to the absolute
minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN input terminal
should be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN low causes the
outputs to mute and the amplifier to enter a low-current state, IDD(SD) = 0.05 µA. SHUTDOWN should never be
left unconnected because amplifier operation would be unpredictable.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this application section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance the more the real capacitor behaves like an ideal capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com