Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LD Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM317LD
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317LD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM317LD Datasheet HTML 5Page - STMicroelectronics LM317LD Datasheet HTML 6Page - STMicroelectronics LM317LD Datasheet HTML 7Page - STMicroelectronics LM317LD Datasheet HTML 8Page - STMicroelectronics LM317LD Datasheet HTML 9Page - STMicroelectronics LM317LD Datasheet HTML 10Page - STMicroelectronics LM317LD Datasheet HTML 11Page - STMicroelectronics LM317LD Datasheet HTML 12Page - STMicroelectronics LM317LD Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LM217L/LM317L
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A1
4.80
0.189
T
3.80
0.150
T1
1.60
0.063
T2
2.30
0.091
d
0.48
0.019
P0
12.5
12.9
0.492
0.508
P2
5.65
7.05
0.222
0.278
F1, F2
2.44
2.54
2.94
0.096
0.100
0.116
delta H
±2
0.079
W
17.5
18.00
19.0
0.689
0.709
0.748
W0
5.7
6.3
0.224
0.248
W1
8.5
9.25
0.335
0.364
W2
0.50
0.20
H
18.50
18.70
0.728
0.726
H0
15.50
16.50
0.610
0.650
H1
25.00
0.984
D0
3.8
4.2
0.150
0.165
t
0.90
0.035
L1
3
0.118
delta P
±1
0.039
u
50
1.968
Φ1
360
14.173
Φ2
30
1.181
Tape & Reel for TO-92 MECHANICAL DATA
Φ1
Φ2
u
Pull-out direction
W
W1
W0
W2
A1
d
D0
H1
H
H0
L
l1
F1 F2
P2
P0
delta P
delta H
T2
T1
T
t
DRAWING NOT IN SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com