Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LD Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM317LD
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317LD Datasheet(HTML) 1 Page - STMicroelectronics

  LM317LD Datasheet HTML 1Page - STMicroelectronics LM317LD Datasheet HTML 2Page - STMicroelectronics LM317LD Datasheet HTML 3Page - STMicroelectronics LM317LD Datasheet HTML 4Page - STMicroelectronics LM317LD Datasheet HTML 5Page - STMicroelectronics LM317LD Datasheet HTML 6Page - STMicroelectronics LM317LD Datasheet HTML 7Page - STMicroelectronics LM317LD Datasheet HTML 8Page - STMicroelectronics LM317LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
December 2005
I
OUTPUT VOLTAGE RANGE: 1.2 TO 37V
I
OUTPUT CURRENT IN EXCESS OF 100 mA
I
LINE REGULATION TYP. 0.01%
I
LOAD REGULATION TYP. 0.1%
I
THERMAL OVERLOAD PROTECTION
I
SHORT CIRCUIT PROTECTION
I
OUTPUT TRANSISTOR SAFE AREA
COMPENSATION
I
FLOATING OPERATION FOR HIGH
VOLTAGE APPLICATIONS
DESCRIPTION
The LM217L/LM317L are monolithic integrated
circuit in SO-8 and TO-92 packages intended for
use as positive adjustable voltage regulators.
They are designed to supply until 100 mA of load
current with an output voltage adjustable over a
1.2 to 37V range.
The nominal output voltage is selected by means
of only a resistive divider, making the device
exceptionally easy to use and eliminating the
stocking of many fixed regulators
LM217L
LM317L
LOW CURRENT
1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Figure 1: Schematic Diagram
TO-92
SO-8
Rev. 3


Similar Part No. - LM317LD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LD ONSEMI-LM317LD Datasheet
184Kb / 12P
LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317LD STMICROELECTRONICS-LM317LD Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317LD STMICROELECTRONICS-LM317LD Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
ON Semiconductor
LM317LD ONSEMI-LM317LD Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LD ONSEMI-LM317LD Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
More results

Similar Description - LM317LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Unisonic Technologies
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
logo
Unisonic Technologies
LM317L UTC-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L ETL-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317L UTC-LM317L_16 Datasheet
196Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_V01 Datasheet
428Kb / 6P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com