Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4094B
Description  8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4094B Datasheet HTML 2Page - STMicroelectronics HCF4094B Datasheet HTML 3Page - STMicroelectronics HCF4094B Datasheet HTML 4Page - STMicroelectronics HCF4094B Datasheet HTML 5Page - STMicroelectronics HCF4094B Datasheet HTML 6Page - STMicroelectronics HCF4094B Datasheet HTML 7Page - STMicroelectronics HCF4094B Datasheet HTML 8Page - STMicroelectronics HCF4094B Datasheet HTML 9Page - STMicroelectronics HCF4094B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HCF4094B
6/13
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD value is 0.3%/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(Clock to serial Output QS)
5
300
600
ns
10
125
250
15
95
190
tPLH tPHL Propagation Delay Time
(Clock to serial Output Q’S)
5
230
460
ns
10
110
220
15
75
150
tPLH tPHL Propagation Delay Time
(Clock to Parallel Output)
5
420
840
ns
10
195
390
15
135
270
tPLH tPHL Propagation Delay Time
(Strobe to Parallel Output)
5
290
580
ns
10
145
290
15
100
200
tPZL, tPZH Propagation Delay Time
Output Enable to Parallel Out:
Output High to High Impedance
5
140
280
ns
10
75
150
15
55
110
tPHZ tPLZ Propagation Delay Time
Output Enable to Parallel Out:
Output Low to High Impedance
5
225
450
ns
10
95
190
15
70
140
tW
Strobe Pulse Width
5
200
100
ns
10
80
40
15
70
35
tW
Clock Pulse Width
5
200
100
ns
10
100
50
15
83
40
tsetup
Data Setup Time
5
125
60
ns
10
55
30
15
35
20
thold
Minimum Hold Time
5
0
0
0
ns
10
0
0
0
15
0
0
0
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
tr, tf
Clock input Rise or Fall Time
5
15
µs
10
5
15
5
fmax
Maximum Clock Input
Frequency
51.25
2.5
MHz
10
2.5
5
15
3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com