Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4094B
Description  8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4094B Datasheet HTML 1Page - STMicroelectronics HCF4094B Datasheet HTML 2Page - STMicroelectronics HCF4094B Datasheet HTML 3Page - STMicroelectronics HCF4094B Datasheet HTML 4Page - STMicroelectronics HCF4094B Datasheet HTML 5Page - STMicroelectronics HCF4094B Datasheet HTML 6Page - STMicroelectronics HCF4094B Datasheet HTML 7Page - STMicroelectronics HCF4094B Datasheet HTML 8Page - STMicroelectronics HCF4094B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HCF4094B
2/13
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
TRUTH TABLE
X : Don’t Care
OC : Open Circuit
* At the positive clock edge information on the 7th shift register stage is transferred to the 8th register stage and the QS output.
PIN N°
SYMBOL
NAME AND FUNCTION
2
DATA
Data Input
1
STROBE
Strobe Input
3
CLOCK
Clock Input
9, 10
QS,Q’S
Serial Outputs
4, 5, 6, 7, 14,
13, 12, 11
Q1 to Q8
Parallel Outputs
15
OUTPUT
ENABLE
Output Enable Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
CLOCK
OUTPUTS
ENABLE
STROBE
DATA
PARALLEL OUTPUTS
SERIAL OUTPUTS
Q1
Qn
Q*S
Q’S
L
X
X
OC
OC
Q7
No Change
L
X
X
OC
OC
No Change
Q7
H
L
X
No Change
No Change
Q7
No Change
HH
L
L
Qn -1
Q7
No Change
HHHH
Qn -1
Q7
No Change
H
H
H
No Change
No Change
No Change
Q7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com