Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-RMW6P Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24512-RMW6P
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMW6P Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24512-RMW6P Datasheet HTML 22Page - STMicroelectronics M24512-RMW6P Datasheet HTML 23Page - STMicroelectronics M24512-RMW6P Datasheet HTML 24Page - STMicroelectronics M24512-RMW6P Datasheet HTML 25Page - STMicroelectronics M24512-RMW6P Datasheet HTML 26Page - STMicroelectronics M24512-RMW6P Datasheet HTML 27Page - STMicroelectronics M24512-RMW6P Datasheet HTML 28Page - STMicroelectronics M24512-RMW6P Datasheet HTML 29Page - STMicroelectronics M24512-RMW6P Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Package mechanical
M24512-W, M24512-R, M24256-BW, M24256-BR
26/31
Figure 13.
SO8N – 8 lead Plastic Small Outline, 150 mils body width, Package
Outline
1.
Drawing is not to scale.
2.
Table 16.
SO8N – 8 lead Plastic Small Outline, 150 mils body width, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.009
ccc
0.10
0.004
D
4.90
4.80
5.00
0.193
0.189
0.197
E
6.00
5.80
6.20
0.236
0.228
0.244
E1
3.90
3.80
4.00
0.154
0.150
0.157
e1.27–
–
0.050
–
–
h
0.25
0.50
0.010
0.020
k0°
8°
0°
8°
L
0.40
1.27
0.016
0.050
L1
1.04
0.041
SO-A
E1
8
ccc
b
e
A
D
c
1
E
h x 45˚
A2
k
0.25 mm
L
L1
A1
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com