Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-RMW6P Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24512-RMW6P
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMW6P Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24512-RMW6P Datasheet HTML 23Page - STMicroelectronics M24512-RMW6P Datasheet HTML 24Page - STMicroelectronics M24512-RMW6P Datasheet HTML 25Page - STMicroelectronics M24512-RMW6P Datasheet HTML 26Page - STMicroelectronics M24512-RMW6P Datasheet HTML 27Page - STMicroelectronics M24512-RMW6P Datasheet HTML 28Page - STMicroelectronics M24512-RMW6P Datasheet HTML 29Page - STMicroelectronics M24512-RMW6P Datasheet HTML 30Page - STMicroelectronics M24512-RMW6P Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Part numbering
M24512-W, M24512-R, M24256-BW, M24256-BR
28/31
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
The category of Second-Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 18.
Ordering information scheme
Example:
M24512–
W MW 6
T
P
Device Type
M24 = I2C serial access EEPROM
Device Function
512– = 512 Kbit (64 Kb × 8)
256–B = 256 Kbit (32 Kb × 8)
Operating Voltage
W = VCC = 2.5 to 5.5V
R = VCC = 1.8 to 5.5V
Package
MW = SO8 (208 mils width)
MN = SO8 (150 mils body width)
DW = TSSOP8
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com