Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUX10
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX10 Datasheet(HTML) 1 Page - STMicroelectronics

  BUX10 Datasheet HTML 1Page - STMicroelectronics BUX10 Datasheet HTML 2Page - STMicroelectronics BUX10 Datasheet HTML 3Page - STMicroelectronics BUX10 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUX10
HIGH POWER NPN SILICON TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
APPLICATIONS
s
MOTOR CONTROL
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BUX10 is a silicon Multi-Epitaxial Planar
NPN transistor in Jedec TO-3 metal case,
intended
for
use
in
switching
and
linear
applications in military and industrial equipment.
INTERNAL SCHEMATIC DIAGRAM
March 2003
1
2
TO-3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE = 0)
160
V
VCEX
Collector-emitter Voltage (VBE = - 1.5V)
160
V
VCEO
Collector-emitter Voltage (IB = 0)
125
V
VEBO
Emitter-base Voltage (IC = 0)
7
V
IC
Collector Current
25
A
ICM
Collector Peak Current (tP < 10 ms)
30
A
IB
Base Current
5
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
150
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max Operating Junction Temperature
200
oC
®
1/4


Similar Part No. - BUX10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX10 STMICROELECTRONICS-BUX10 Datasheet
63Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jul-1997
logo
Inchange Semiconductor ...
BUX10 ISC-BUX10 Datasheet
79Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUX10 SAVANTIC-BUX10 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
TT Electronics.
BUX10 TTELEC-BUX10 Datasheet
191Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results

Similar Description - BUX10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com