Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUX10
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX10 Datasheet(HTML) 2 Page - STMicroelectronics

  BUX10 Datasheet HTML 1Page - STMicroelectronics BUX10 Datasheet HTML 2Page - STMicroelectronics BUX10 Datasheet HTML 3Page - STMicroelectronics BUX10 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.17
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 100 V
1.5
mA
ICEX
Collector Cut-off
Current
VCE = 160 V
VBE = -1.5V
Tcase = 125
oC
VCE = 160 V
VBE = -1.5V
1.5
6
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 200 mA
125
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 50 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 10 A
IB = 1 A
IC = 20 A
IB = 2 A
0.3
0.7
0.6
1.2
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 20 A
IB = 2 A
1.6
2
V
hFE
DC Current Gain
IC = 10 A
VCE = 2 V
IC = 20 A
VCE = 4 V
20
10
60
IS/b
Second Breakdown
Collector Current
VCE = 30 V
t = 1 s
VCE = 48 V
t = 1 s
5
1
A
A
fT
Transistor Frequency
IC = 1 A
VCE =15 V
f = 10MHz
8
MHz
ton
Turn-on Time
IC = 20 A
IB1 = 2 A
VCC = 30V
0.5
1.5
µs
ts
tf
Storage Time
Fall Time
IC = 20 A
IB1 = - IB2 = 2A
VCC = 30V
0.6
0.15
1.2
0.3
µs
µs
Clamped Es/b
Collector Current
Vclamp=125 V
L = 500
µH
20
A
∗ Pulsed: Pulse duration = 300µs, duty cycle
2 %
BUX10
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com