Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY69A Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUY69A
Description  HIGH VOLTAGE NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUY69A Datasheet(HTML) 1 Page - STMicroelectronics

  BUY69A Datasheet HTML 1Page - STMicroelectronics BUY69A Datasheet HTML 2Page - STMicroelectronics BUY69A Datasheet HTML 3Page - STMicroelectronics BUY69A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUY69A
HIGH VOLTAGE NPN SILICON TRANSISTOR
s
STM PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
s
HIGH POWER TO-3 PACKAGE
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOUR
TV
s
SWITCHING REGULATORS
DESCRIPTION
The BUY69A is a silicon Multi-Epitaxial mesa
NPN transistor in Jedec TO-3 metal case. It is
intended for horizontal deflection output stage of
CTV receivers and high voltage, fast switching
and industrial applications.
INTERNAL SCHEMATIC DIAGRAM
October 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
1000
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
8
V
IC
Collector Current
10
A
ICM
Collector Peak Current (tp
≤ 10 ms )
15
A
IB
Base Current
3
A
Ptot
Total Dissipation at Tc
≤ 25 oC
100
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1
2
TO-3
®
1/4


Similar Part No. - BUY69A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUY69A MOSPEC-BUY69A Datasheet
74Kb / 2P
POWER TRANSISTORS(10A,200-400V,100W)
logo
STMicroelectronics
BUY69A STMICROELECTRONICS-BUY69A Datasheet
29Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTOR
Jun-1998
logo
Central Semiconductor C...
BUY69A CENTRAL-BUY69A Datasheet
53Kb / 1P
Power Transistors
logo
Savantic, Inc.
BUY69A SAVANTIC-BUY69A Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
BUY69A SEME-LAB-BUY69A Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
More results

Similar Description - BUY69A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com