Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE210 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJE210
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE210 Datasheet(HTML) 2 Page - STMicroelectronics

  MJE210 Datasheet HTML 1Page - STMicroelectronics MJE210 Datasheet HTML 2Page - STMicroelectronics MJE210 Datasheet HTML 3Page - STMicroelectronics MJE210 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
Rthj-case
Thermal Resistance Junction-ambient
Max
Thermal Resistance Junction-case
Max
83.4
8.34
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -40 V
VCB = -40 V
Tcase = 125
oC
-100
-100
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -8 V
-100
nA
VCEO(sus)
∗
Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = -10 mA
-25
V
VCE(sat)
∗
Collector-Emitter
Sustaining Voltage
IC = -0.5 A
IB = -50 mA
IC = -2 A
IB = -0.2 A
IC = -5 A
IB = -1 A
-0.3
-0.75
-1.8
V
V
V
VBE(sat)
∗
Base-Emitter on
Voltage
IC = -5 A
IB = -1 A
-2.5
V
VBE
∗
Base-Emitter on
Voltage
IC =- 2 A
VCE = -1 V
-1.6
V
hFE
∗
DC Current Gain
IC = -0.5 A
VCE = -1 V
IC = -2 A
VCE = -1 V
IC = -5 A
VCE = -2 V
70
45
10
180
fT
Transistor Frequency
IC = 0.1 A
VCE = 10 V
f = 10 MHz
65
MHz
CCBO
Collector-base
Capacitance
VCB = -10 V
IE = 0
f = 0.1 MHz
120
pF
∗ Pulsed: Pulse duration = 300µs, duty cycle ≤ 1.5%
MJE210
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com