Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE210
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE210 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE210 Datasheet HTML 1Page - STMicroelectronics MJE210 Datasheet HTML 2Page - STMicroelectronics MJE210 Datasheet HTML 3Page - STMicroelectronics MJE210 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE210
SILICON PNP TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
PNP TRANSISTOR
DESCRIPTION
The MJE210 is a silicon Epitaxial-Base PNP
transistor in Jedec SOT-32 plastic package,
designed for low voltage, low power, high gain
audio amplifier applications.
®
INTERNAL SCHEMATIC DIAGRAM
September 2003
3
2
1
SOT-32
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-40
V
VCEO
Collector-Emitter Voltage (IB = 0)
-25
V
VEBO
Base-Emitter Voltage (IC = 0)
-8
V
IC
Collector Current
-5
A
ICM
Collector Peak Current (tp < 5 ms)
-10
A
IB
Base Current
-1
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
at Tamb
≤ 25 oC
15
1.5
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max Operating Junction Temperature
150
oC
1/4


Similar Part No. - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE210 MOTOROLA-MJE210 Datasheet
255Kb / 6P
5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
ON Semiconductor
MJE210 ONSEMI-MJE210 Datasheet
255Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
63Kb / 4P
SILICON PNP TRANSISTOR
Sep-1997
logo
Samsung semiconductor
MJE210 SAMSUNG-MJE210 Datasheet
195Kb / 6P
PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)
logo
Fairchild Semiconductor
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
Feature
More results

Similar Description - MJE210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com