Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE340
Description  COMPLEMETARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE340 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE340 Datasheet HTML 1Page - STMicroelectronics MJE340 Datasheet HTML 2Page - STMicroelectronics MJE340 Datasheet HTML 3Page - STMicroelectronics MJE340 Datasheet HTML 4Page - STMicroelectronics MJE340 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJE340
MJE350
COMPLEMETARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The MJE340 is a Silicon Epitaxial Planar NPN
transistor intended for use in medium power
linear and switching applications. It is mounted in
SOT-32.
The complementary PNP type is MJE350.
®
INTERNAL SCHEMATIC DIAGRAM
April 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
MJE340
PNP
MJE350
VCEO
Collector-Emitter Voltage (IB = 0)
300
V
VEBO
Emitter-Base Voltage (IC = 0)
3
V
IC
Collector Current
0.5
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
20.8
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max Operating Junction Temperature
150
oC
For PNP types voltage and current values are negative.
SOT-32
3
2
1
1/5


Similar Part No. - MJE340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE340 MOTOROLA-MJE340 Datasheet
117Kb / 4P
0.5 AMPERE POWER TRANSISTOR NPN SILICON 300 VOLTS 20 WATTS
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
66Kb / 5P
COMPLEMETARY SILICON POWER TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
MJE340 FAIRCHILD-MJE340 Datasheet
37Kb / 4P
High Voltage General Purpose Applications
logo
Savantic, Inc.
MJE340 SAVANTIC-MJE340 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
More results

Similar Description - MJE340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
66Kb / 5P
COMPLEMETARY SILICON POWER TRANSISTORS
Jun-1997
logo
Quanzhou Jinmei Electro...
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MC14411 MOTOROLA-MC14411 Datasheet
107Kb / 3P
Low-Power Complemetary Mos
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com