Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE340 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJE340
Description  COMPLEMETARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE340 Datasheet(HTML) 2 Page - STMicroelectronics

  MJE340 Datasheet HTML 1Page - STMicroelectronics MJE340 Datasheet HTML 2Page - STMicroelectronics MJE340 Datasheet HTML 3Page - STMicroelectronics MJE340 Datasheet HTML 4Page - STMicroelectronics MJE340 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
6.0
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 300 V
100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 3 V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 1 mA
300
V
hFE
DC Current Gain
IC = 50 mA
VCE = 10 V
30
240
∗ Pulsed: Pulse duration = 300µs, duty cycle ≤ 2%
Safe Operating Area
Derating Curve
MJE340 / MJE350
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com