Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST901T Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST901T
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST901T Datasheet(HTML) 1 Page - STMicroelectronics

  ST901T Datasheet HTML 1Page - STMicroelectronics ST901T Datasheet HTML 2Page - STMicroelectronics ST901T Datasheet HTML 3Page - STMicroelectronics ST901T Datasheet HTML 4Page - STMicroelectronics ST901T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
January 2005
n
HIGH VOLTAGE SPECIAL DARLINGTON
STRUCTURE
n
VERY RUGGED BIPOLAR TECHNOLOGY
n
HIGH OPERATION JUNCTION
TEMPERATURE
n
HIGH DC CURRENT GAIN
APPLICATIONS
n
HIGH RUGGEDNESS ELECTRONIC
IGNITION FOR SMALL ENGINES
DESCRIPTION
The ST901T is a High Voltage NPN silicon
transistor
in
monolithic
special
Darlington
configuration mounted in Jedec TO-220 plastic
package, designed for applications such us
electronic ignition for small engines (scooters,
lawnmovers, chainsaws).
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 1: Order Codes
Table 2: Absolute Maximum Ratings
TO-220
1
2
3
Part Number
Marking
Package
Packaging
ST901T
901T
TO-220
TUBE
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
500
V
VCEO
Collector-Emitter Voltage (IB = 0)
350
V
VEBO
Emitter-Base Voltage (IC = 0)
5V
IC
Collector Current
4A
ICM
Collector Peak Current (tp < 5ms)
8A
IB
Base Current
0.5
A
IBM
Base Peak Current (tp < 5ms)
2.5
A
Ptot
Total Dissipation at TC = 25 oC
100
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
ST901T
HIGH VOLTAGE IGNITION COIL DRIVER
NPN POWER TRANSISTOR
Rev. 2


Similar Part No. - ST901T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST901T STMICROELECTRONICS-ST901T Datasheet
61Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jun-1997
ST901T STMICROELECTRONICS-ST901T Datasheet
355Kb / 12P
High voltage NPN Darlington transistor for ignition coil
11-Feb-2011
More results

Similar Description - ST901T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU931 STMICROELECTRONICS-BU931 Datasheet
73Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Sep-1999
BU931T STMICROELECTRONICS-BU931T Datasheet
72Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTONS
Jan-1999
BU941Z STMICROELECTRONICS-BU941Z Datasheet
84Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-2000
BU941ZT STMICROELECTRONICS-BU941ZT Datasheet
83Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-1999
ST931ZT STMICROELECTRONICS-ST931ZT Datasheet
45Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Mar-1999
BU931T STMICROELECTRONICS-BU931T_03 Datasheet
670Kb / 6P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR
Oct-2003
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941 UTC-BU941_07 Datasheet
164Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941Z UTC-BU941Z Datasheet
202Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941Z UTC-BU941Z_15 Datasheet
218Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com