Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST901T Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST901T
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST901T Datasheet(HTML) 2 Page - STMicroelectronics

  ST901T Datasheet HTML 1Page - STMicroelectronics ST901T Datasheet HTML 2Page - STMicroelectronics ST901T Datasheet HTML 3Page - STMicroelectronics ST901T Datasheet HTML 4Page - STMicroelectronics ST901T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ST901T
2/5
Table 3: Thermal Data
Table 4: Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 ms, duty cycle
≤ 1.5 %.
Rthj-case
Thermal Resistance Junction-Case
Max
1.25
oC/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(IE = 0)
VCE = 500 V
VCE = 500 V
Tcase = 125 oC
100
500
mA
mA
ICEO
Collector Cut-off Current
(IB = 0)
VCE = 350 V
VCE = 350 V
Tcase = 125 oC
100
500
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
10
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0 )
IC = 10 mA
L = 10 mH
350
V
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 20 mA
2
V
VBE(sat)* Base-Emitter Saturation
Voltage
IC = 2 A
IB = 20 mA
1.8
V
hFE
DC Current Gain
IC = 2 A
VCE = 2 V
IC = 4 A
VCE = 2 V
1500
500
Functional Test
VCC = 24 V
Vclamp = 350 V
L = 4 mH
4
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
VCC = 12 V
Vclamp = 250 V
L = 4 mH
IC = 2 A
IB = 20 mA
VBE = -3 V
15
1.5
ms
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com