Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P70NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # P70NF03L
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P70NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  P70NF03L Datasheet HTML 1Page - STMicroelectronics P70NF03L Datasheet HTML 2Page - STMicroelectronics P70NF03L Datasheet HTML 3Page - STMicroelectronics P70NF03L Datasheet HTML 4Page - STMicroelectronics P70NF03L Datasheet HTML 5Page - STMicroelectronics P70NF03L Datasheet HTML 6Page - STMicroelectronics P70NF03L Datasheet HTML 7Page - STMicroelectronics P70NF03L Datasheet HTML 8Page - STMicroelectronics P70NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 10
1/15
15
STB70NF03L
STP70NF03L - STB70NF03L-1
N-channel 30V - 0.0075
Ω - 70A - D2PAK - I2PAK - TO-220
Low gate charge STripFET™ II Power MOSFET
General features
■ Conduction losses reduced
■ Switching losses reduced
Description
This application specific Power MOSFET is the
third genaration of STMicroelectronis unique
"Single Feature Size™" strip-based process. The
resulting transistor shows the best trade-off
between on-resistance and gate charge. When
used as high and low side in buck regulators, it
gives the best performance in terms of both
conduction and switching losses. This is
extremely important for motherboards where fast
switching and high efficiency are of paramount
importance.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB70NF03L
30V
< 0.0095
Ω
70A
STP70NF03L
30V
< 0.0095
Ω
70A
STB70NF03L-1
30V
< 0.0095
Ω
70A
1
2
3
TO-220
I2PAK
D²PAK
1
3
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB70NF03L
B70NF03L
D²PAK
Tape & reel
STP70NF03L
P70NF03L
TO-220
Tube
STB70NF03L-1
B70NF03L
I²PAK
Tube


Similar Part No. - P70NF03L

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
P70NF06 THINKISEMI-P70NF06 Datasheet
1Mb / 7P
70A,60V Heatsink Planar N-Channel Power MOSFET
More results

Similar Description - P70NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
STP90NF03L STMICROELECTRONICS-STP90NF03L Datasheet
274Kb / 9P
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Oct-2003
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com