Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P70NF03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # P70NF03L
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P70NF03L Datasheet(HTML) 3 Page - STMicroelectronics

  P70NF03L Datasheet HTML 1Page - STMicroelectronics P70NF03L Datasheet HTML 2Page - STMicroelectronics P70NF03L Datasheet HTML 3Page - STMicroelectronics P70NF03L Datasheet HTML 4Page - STMicroelectronics P70NF03L Datasheet HTML 5Page - STMicroelectronics P70NF03L Datasheet HTML 6Page - STMicroelectronics P70NF03L Datasheet HTML 7Page - STMicroelectronics P70NF03L Datasheet HTML 8Page - STMicroelectronics P70NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB70NF03L - STP70NF03L - STB70NF03L-1
Electrical ratings
3/15
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20kΩ)30
V
VGS
Gate- source voltage
± 18
V
ID
Drain current (continuous) at TC = 25°C
70
A
ID
Drain current (continuous) at TC = 100°C
50
A
IDM
(1)
1.
Current limited by the package
Drain current (pulsed)
280
A
PTOT
Total dissipation at TC = 25°C
100
W
Derating factor
0.67
W/°C
dv/dt (2)
2.
ISD ≤70A, di/dt ≤350A/µs, VDD ≤V(BR)DSS, TJ ≤TJMAX
Peak diode recovery voltage slope
5.5
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 35A, VDD = 25V
Single pulse avalanche energy
500
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Operating junction temperature
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1.5
°C/W
RthJA
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com