Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB70NH03LT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB70NH03LT4
Description  N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NH03LT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB70NH03LT4 Datasheet HTML 1Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 2Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 3Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 4Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 5Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 6Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 7Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 8Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 6
1/15
15
STB70NH03L
N-channel 60V - 0.0075
Ω - 70A - D2PAK
STripFET™ III Power MOSFET for DC-DC conversion
General features
■ RDS(on) x Qg industry benchmark
■ Conduction losses reduced
■ Switching losses reduced
■ Low threshold device
Description
The device utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology.
It is ideal in high performance DC-DC converter
applications where efficiency is to be achieved at
very high output currents.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB70NH03L
30V
< 0.009
Ω
60A (1)
D²PAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB70NH03LT4
B70NH03L
D²PAK
Tape & reel


Similar Part No. - STB70NH03LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70N10F4 STMICROELECTRONICS-STB70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
logo
VBsemi Electronics Co.,...
STB70N10F4 VBSEMI-STB70N10F4 Datasheet
971Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STB70N10F4 ISC-STB70N10F4 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB70NF02L STMICROELECTRONICS-STB70NF02L Datasheet
46Kb / 6P
N-CHANNEL 20V - 0.006 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
20-Jan-2000
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
More results

Similar Description - STB70NH03LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET™ III POWER MOSFET
21-Jun-2006
STB120NH03L STMICROELECTRONICS-STB120NH03L Datasheet
421Kb / 11P
N-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION
Oct-2003
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
STB70NFS03L STMICROELECTRONICS-STB70NFS03L_06 Datasheet
290Kb / 13P
N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
05-Jul-2006
STB75NH02L STMICROELECTRONICS-STB75NH02L_06 Datasheet
410Kb / 13P
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET
22-Jul-2006
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
19-Jun-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
29-Jun-2006
STP120NH03L STMICROELECTRONICS-STP120NH03L Datasheet
508Kb / 17P
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
16-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com