Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB70NH03LT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB70NH03LT4
Description  N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NH03LT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STB70NH03LT4 Datasheet HTML 1Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 2Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 3Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 4Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 5Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 6Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 7Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 8Page - STMicroelectronics STB70NH03LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB70NH03L
4/15
2
Electrical characteristics
(TCASE = 25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = max rating
VDS = max rating
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
Current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS
ID = 250 µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V
ID = 30 A
VGS = 5 V
ID = 30 A
0.0075
0.0135
0.0095
0.009
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Forward
transconductance
VDS = 10 V
ID = 18 A
25
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 10V f = 1 MHz VGS = 0
2200
380
49
pF
pF
pF
RG
Gate Input Resistance
f = 1 MHz gate DC bias = 0
test signal level = 20 mV
open drain
1.5
Ω
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay Time
Fall time
VDD = 15 V
ID = 30 A
RG =4.7 Ω
VGS = 5 V
21
95
19
15
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 15V ID= 70A
VGS= 5V
15.7
8.3
3.4
21
nC
nC
nC
Qgls
(2)
2.
Gate charge for synchronous operation . See Chapter 6: Appendix A
Third-quadrant gate
charge
VDS< 0 V VGS= 10 V
15
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com