Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B80NE03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # B80NE03L
Description  N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B80NE03L Datasheet(HTML) 3 Page - STMicroelectronics

  B80NE03L Datasheet HTML 1Page - STMicroelectronics B80NE03L Datasheet HTML 2Page - STMicroelectronics B80NE03L Datasheet HTML 3Page - STMicroelectronics B80NE03L Datasheet HTML 4Page - STMicroelectronics B80NE03L Datasheet HTML 5Page - STMicroelectronics B80NE03L Datasheet HTML 6Page - STMicroelectronics B80NE03L Datasheet HTML 7Page - STMicroelectronics B80NE03L Datasheet HTML 8Page - STMicroelectronics B80NE03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STB80NE03L-06
Electrical ratings
3/13
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)
30
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
80
A
ID
Drain current (continuous) at TC = 100°C
60
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
Derating factor
1
PTOT
Total dissipation at TC = 25°C
150
W
dv/dt (2)
2.
ISD < 20A, di/dt < 100A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
7
V/ns
TJ
Tstg
Operating junction temperature
Storage temperture
-55 to 175
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1
°C/W
RthJA
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
80
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
600
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com