Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B80NE03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # B80NE03L
Description  N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B80NE03L Datasheet(HTML) 4 Page - STMicroelectronics

  B80NE03L Datasheet HTML 1Page - STMicroelectronics B80NE03L Datasheet HTML 2Page - STMicroelectronics B80NE03L Datasheet HTML 3Page - STMicroelectronics B80NE03L Datasheet HTML 4Page - STMicroelectronics B80NE03L Datasheet HTML 5Page - STMicroelectronics B80NE03L Datasheet HTML 6Page - STMicroelectronics B80NE03L Datasheet HTML 7Page - STMicroelectronics B80NE03L Datasheet HTML 8Page - STMicroelectronics B80NE03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB80NE03L-06
4/13
2
Electrical characteristics
(TCASE = 25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VDS = ± 20V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
1
1.7
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 40A
VGS = 4.5 V, ID = 40A
0.005
0.006
0.008
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS > ID(on) x RDS(on)max,
ID = 40A
30
50
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz,
VGS =0
6500
1500
500
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 24 V, ID = 80A,
VGS = 5V
95
30
44
130
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 15 V, ID = 40 A
RG =4.7Ω VGS = 4.5 V
Figure 12.
40
55
ns
tr
Rise time
260
350
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross over time
VDD = 24 V, ID = 80 A,
RG =4.7Ω, VGS = 5V
Figure 12.
70
165
250
95
220
340
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com