Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86PC1F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48T86PC1F
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48T86PC1F Datasheet HTML 11Page - STMicroelectronics M48T86PC1F Datasheet HTML 12Page - STMicroelectronics M48T86PC1F Datasheet HTML 13Page - STMicroelectronics M48T86PC1F Datasheet HTML 14Page - STMicroelectronics M48T86PC1F Datasheet HTML 15Page - STMicroelectronics M48T86PC1F Datasheet HTML 16Page - STMicroelectronics M48T86PC1F Datasheet HTML 17Page - STMicroelectronics M48T86PC1F Datasheet HTML 18Page - STMicroelectronics M48T86PC1F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
M48T86
Clock operations
15/36
Figure 8.
Address map
AI01650
SECONDS
SECONDS ALARM
MINUTES
MINUTES ALARM
HOURS
HOURS ALARM
DAY OF WEEK
DATE OF MONTH
MONTH
YEAR
REGISTER A
REGISTER B
REGISTER C
REGISTER D
0
1
2
3
4
5
6
7
8
9
10
11
12
13
BCD OR
BINARY
FORMAT
00
0D
0E
7F
0
13
14
127
114
BYTES
14
BYTES
CLOCK AND CONTROL
STATUS REGISTERS
STORAGE REGISTERS
Table 3.
Time, calendar, and alarm formats
Address
RTC Bytes
Range
Decimal
Binary
BCD
0
Seconds
0-59
00-3B
00-59
1
Seconds alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes alarm
0-59
00-3B
00-59
4
Hours, 12-hrs
1-12
01-0C AM
81-8C PM
01-12 AM
81-92 PM
Hours, 24-hrs
0-23
00-17
00-23
5
Hours alarm, 12-hrs
1-12
01-0C AM
81-8C PM
01-12 AM
81-92 PM
Hours alarm, 24-hrs
0-23
00-17
00-23
6
Day of week (1 = Sun)
1-7
01-07
01-07
7
Day of month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com