Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86PC1F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T86PC1F
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T86PC1F Datasheet HTML 14Page - STMicroelectronics M48T86PC1F Datasheet HTML 15Page - STMicroelectronics M48T86PC1F Datasheet HTML 16Page - STMicroelectronics M48T86PC1F Datasheet HTML 17Page - STMicroelectronics M48T86PC1F Datasheet HTML 18Page - STMicroelectronics M48T86PC1F Datasheet HTML 19Page - STMicroelectronics M48T86PC1F Datasheet HTML 20Page - STMicroelectronics M48T86PC1F Datasheet HTML 21Page - STMicroelectronics M48T86PC1F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Clock operations
M48T86
18/36
should avoid interrupt service routines that would cause the time needed to read valid
time/calendar data to exceed 244µs.
The third method uses a periodic interrupt to determine if an update cycle is in progress.
The UIP Bit is set high between the setting of the PF Bit (Register C; Bit 6). Periodic
interrupts that occur at a rate greater than tBUC allow valid time and date information to be
reached at each occurrence of the periodic interrupt.The READs should be completed
within 1/(tPL/2 + tBUC) to ensure that data is not read during the update cycle.
Square wave output selection
Thirteen of the 15 divider taps are made available to a 1-of-15 selector, as shown in the
block diagram of Figure 4 on page 8. The purpose of selecting a divider tap is to generate a
square wave output signal on the SQW pin. The RS3-RS0 bits in Register A establish the
square wave output frequency. These frequencies are listed in Table 4 on page 18. The
SQW frequency selection shares the 1-of-15 selector with the periodic interrupt generator.
Once the frequency is selected, the output of the SQW pin can be turned on and off under
program control with the Square Wave Enabled (SQWE) Bit.
Table 4.
Square wave frequency/periodic interrupt rate
Register A bits
Square wave
Periodic interrupt
RS3
RS2
RS1
RS0
Frequency
Units
Period
Units
0000
None
None
0001
256
Hz
3.90625
ms
0010
128
Hz
7.8125
ms
0011
8.192
kHz
122.070
us
0100
4.096
kHz
244.141
us
0101
2.048
kHz
488.281
us
0110
1.024
kHz
976.5625
us
0111
512
Hz
1.953125
ms
1000
256
Hz
3.90625
ms
1001
128
Hz
7.8125
ms
1010
64
Hz
15.625
ms
1011
32
Hz
31.25
ms
1100
16
Hz
62.5
ms
1101
8
Hz
125
ms
1110
4
Hz
250
ms
1111
2
Hz
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com