Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706P Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM706P
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM706P Datasheet HTML 2Page - STMicroelectronics STM706P Datasheet HTML 3Page - STMicroelectronics STM706P Datasheet HTML 4Page - STMicroelectronics STM706P Datasheet HTML 5Page - STMicroelectronics STM706P Datasheet HTML 6Page - STMicroelectronics STM706P Datasheet HTML 7Page - STMicroelectronics STM706P Datasheet HTML 8Page - STMicroelectronics STM706P Datasheet HTML 9Page - STMicroelectronics STM706P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
STM706T/S/R; STM706P; STM708T/S/R
6/26
Pin Descriptions
MR. A logic low on MR asserts the reset output.
Reset remains asserted as long as MR is low and
for trec after MR returns high. This active-low input
has an internal pull-up. It can be driven from a TTL
or CMOS logic line, or shorted to ground with a
switch. Leave open if unused.
WDI. If WDI remains high or low for 1.6sec, the in-
ternal watchdog timer runs out and reset (or WDO)
is triggered. The internal watchdog timer clears
while reset is asserted or when WDI sees a rising
or falling edge.
The watchdog function cannot be disabled by al-
lowing the WDI pin to float.
WDO. WDO goes low when a transition does not
occur on WDI within 1.6sec, and remains low until
a transition occurs on WDI (indicating the watch-
dog interrupt has been serviced). WDO also goes
low when VCC falls below the reset threshold; how-
ever, unlike the reset output, WDO goes high as
soon as VCC exceeds the reset threshold.
Note: For those devices with a WDO output, a
watchdog timeout will not trigger reset unless
WDO is connected to MR.
RST. Pulses low for trec when triggered, and stays
low whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after
either VCC rises above the reset threshold, the
watchdog triggers a reset, or MR goes from low to
high.
RST. Pulses high for trec when triggered, and
stays high whenever VCC is above the reset
threshold or when MR is a logic high. It remains
high for trec after either VCC falls below the reset
threshold, the watchdog triggers a reset, or MR
goes from high to low.
PFI. When PFI is less than VPFI, PFO goes low;
otherwise, PFO remains high. Connect to ground
if unused.
PFO. When PFI is less than VPFI, PFO goes low;
otherwise, PFO remains high. Leave open if un-
used.
Table 3. Pin Description
Pin
Name
Function
STM706P
STM706T/S/R
STM708T/S/R
SO8
TSSOP8
SO8
TSSOP8
SO8
TSSOP8
131313
MR
Push-button Reset Input
6868––
WDI
Watchdog Input
8282––
WDO
Watchdog Output
––7171
RST
Active-Low Reset Output
71––82
RST
Active-High Reset Output
242424
VCC
Supply Voltage
464646
PFI
PFI Power-fail Input
575757
PFO
PFO Power-fail Output
353535
VSS
Ground
––––68
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com