Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM706P
Description  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706P Datasheet(HTML) 1 Page - STMicroelectronics

  STM706P Datasheet HTML 1Page - STMicroelectronics STM706P Datasheet HTML 2Page - STMicroelectronics STM706P Datasheet HTML 3Page - STMicroelectronics STM706P Datasheet HTML 4Page - STMicroelectronics STM706P Datasheet HTML 5Page - STMicroelectronics STM706P Datasheet HTML 6Page - STMicroelectronics STM706P Datasheet HTML 7Page - STMicroelectronics STM706P Datasheet HTML 8Page - STMicroelectronics STM706P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
February 2005
STM706T/S/R, STM706P, STM708T/S/R
3V Supervisor
FEATURES SUMMARY
■
PRECISION VCC MONITOR
–
STM706/708
T: 3.00V
≤ VRST ≤ 3.15V
S: 2.88V
≤ VRST ≤ 3.00V
R; STM706P: 2.59V
≤ VRST ≤ 2.70V
■
RST AND RST OUTPUTS
■
200ms (TYP) trec
■
WATCHDOG TIMER - 1.6sec (TYP)
■
MANUAL RESET INPUT (MR)
■
POWER-FAIL COMPARATOR (PFI/PFO)
■
LOW SUPPLY CURRENT - 40µA (TYP)
■
GUARANTEED RST (RST) ASSERTION
DOWN TO VCC = 1.0V
■
OPERATING TEMPERATURE:
–40°C to 85°C (Industrial Grade)
Figure 1. Packages
Table 1. Device Options
Note: 1. Push-Pull Output
2. The STM706P is identical to the STM706R, except its reset output is active-high.
8
1
SO8 (M)
TSSOP8 3x3 (DS)
Watchdog
Input
Watchdog
Output
Active-Low
RST(1)
Active-High
RST(1)
Manual
Reset Input
Power-fail
Comparator
STM706T/S/R
✔✔
✔
✔
✔
STM706P(2)
✔✔
✔
✔
✔
STM708T/S/R
✔✔✔
✔


Similar Part No. - STM706P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706P STMICROELECTRONICS-STM706P Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM706P STMICROELECTRONICS-STM706P Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706P2 STMICROELECTRONICS-STM706P2 Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706PDS6E STMICROELECTRONICS-STM706PDS6E Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
More results

Similar Description - STM706P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
13-May-2002
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
3V NVRAM Supervisor for Up to 8 LPSRAMs
14-Nov-2003
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Feb-2005
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
5V or 3V NVRAM supervisor for LPSRAM
20-Nov-2007
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
5V or 3V NVRAM supervisor for up to two LPSRAMs
12-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com