Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662A Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST662A
Description  DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662A Datasheet(HTML) 5 Page - STMicroelectronics

  ST662A Datasheet HTML 1Page - STMicroelectronics ST662A Datasheet HTML 2Page - STMicroelectronics ST662A Datasheet HTML 3Page - STMicroelectronics ST662A Datasheet HTML 4Page - STMicroelectronics ST662A Datasheet HTML 5Page - STMicroelectronics ST662A Datasheet HTML 6Page - STMicroelectronics ST662A Datasheet HTML 7Page - STMicroelectronics ST662A Datasheet HTML 8Page - STMicroelectronics ST662A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ST662A
5/13
DESCRIPTION
The ST662 is an IC developed to provide a 12V regulated output 30mA from voltage input as low as 4.75
without any inductors. It is useful for a wide range of applications and its performances makes it ideal for
flash memory programming supply.
An evaluation kit is provided to facilitate the application. This include a single-side demo board designed
for surface-mount components.The operating principle of ST662 (see fig. 10) is to charge C1 and C2
capacitor by closing the S1 switch (while S2 is opened) at the VCC voltage. After S1 will be opened and S2
closed so that C1 and C2 capacitors are placed in series one to each other, and both are in series with
VIN.The sum of VC1 and VC2 and VI is applied to the capacitor C4. This works as voltage triple. An
amplifier error checks the output voltage and blocks the oscillator if the output voltage is greater than 12V.
The shutdown pin is internally pulled to VCC. When it is held low the output voltage rises to +12V. Fig.11
shows the transition time of the shut down pin when the VSHDN goes from 5V to 0V. Input logic levels of
this input are CMOS compatible Applying a logic high at this input, the VOUT oscillator will be blocked and
the VOUT will reach the VI value by D1. In this condition ICC will be. low as 1µA. The fig.12 shows the
transition time of the shut down pin when the VSHDN goes from 0V to 5V.
Figure 10 : Operating Principle Circuit
Figure 11 : Exiting Shutdown
Figure 12 : Entering Shutdown
NOTE: VCC =5V, IOUT = 200 µA
NOTE: VCC =5V, IOUT = 200 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com