Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST662A
Description  DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662A Datasheet(HTML) 1 Page - STMicroelectronics

  ST662A Datasheet HTML 1Page - STMicroelectronics ST662A Datasheet HTML 2Page - STMicroelectronics ST662A Datasheet HTML 3Page - STMicroelectronics ST662A Datasheet HTML 4Page - STMicroelectronics ST662A Datasheet HTML 5Page - STMicroelectronics ST662A Datasheet HTML 6Page - STMicroelectronics ST662A Datasheet HTML 7Page - STMicroelectronics ST662A Datasheet HTML 8Page - STMicroelectronics ST662A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2004
s
OUTPUT VOLTAGE: 12V ± 5%
s
SUPPLY VOLTAGE RANGE: 4.5V TO 5.5V
s
GUARANTEED OUTPUT CURRENT UP TO
30mA
s
VERY LOW QUIESCENT CURRENT: 100mA
s
LOGIC CONTROLLED ELECTRONIC
SHUTDOWN: 1µA
s
JUST CAPACITORS NEEDED (NO
INDUCTOR)
DESCRIPTION
The ST662A is a regulated charge pump DC-DC
converter. It provides 12V ± 5% output voltage to
program byte-wide flash memory, and can supply
30mA output current from input as low as 4.75V.
A logic controlled shut down pin that interfaces
directly with microprocessor reduces the supply
current to only 1µA.
ST662A
DC-DC CONVERTER FROM 5V TO 12V, 0.03A
FOR FLASH MEMORY PROGRAMMING SUPPLY
TYPICAL APPLICATION CIRCUIT
DIP-8
SO-8


Similar Part No. - ST662A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A Datasheet
131Kb / 12P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Jun-1997
ST662AB STMICROELECTRONICS-ST662AB Datasheet
131Kb / 12P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Jun-1997
ST662AB STMICROELECTRONICS-ST662AB Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
ST662AB STMICROELECTRONICS-ST662AB Datasheet
844Kb / 19P
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
19-Feb-2008
ST662AB STMICROELECTRONICS-ST662AB Datasheet
839Kb / 20P
DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
03-Aug-2010
More results

Similar Description - ST662A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A Datasheet
131Kb / 12P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Jun-1997
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
STMicroelectronics
ST662AB STMICROELECTRONICS-ST662AB Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
ST662AB STMICROELECTRONICS-ST662AB_08 Datasheet
844Kb / 19P
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
19-Feb-2008
ST662AC STMICROELECTRONICS-ST662AC_10 Datasheet
839Kb / 20P
DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
03-Aug-2010
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
12V, 30mA Flash Memory Programming Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com