Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662A Datasheet (PDF) - STMicroelectronics

ST662A Datasheet PDF - STMicroelectronics
Part # ST662A
Download  ST662A Download
File Size   131.93 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY

ST662A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST662A Datasheet PDF - STMicroelectronics

Part # ST662A
Download  ST662A Click to download

File Size   131.93 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY

ST662A Datasheet (HTML) - STMicroelectronics


ST662A Product details

DESCRIPTION
The ST662A is a regulated charge pump DC-DC converter. It provides 12V ± 5% output voltage to program byte-wide flash memory, and can supply 30mA output current from input as low as 4.75V. A logic controlled shut down pin that interfaces directly with microprocessor reduces the sypply current to only 1µA

■ OUTPUT VOLTAGE: 12V ± 5%
■ SUPPLY VOLTAGE RANGE: 4.5V TO 5.5V
■ GUARANTEED OUTPUT CURRENT UP TO 30mA
■ VERY LOW QUIESCENT CURRENT: 100µA
■ LOGIC CONTROLLED ELECTRONIC SHUTDOWN: 1µA
■ JUST CAPACITORS NEEDED (NO INDUCTOR)




Similar Part No. - ST662A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A Datasheet
359Kb / 13P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Apr-2004
ST662AB STMICROELECTRONICS-ST662AB Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
ST662AB STMICROELECTRONICS-ST662AB Datasheet
844Kb / 19P
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
19-Feb-2008
ST662AB STMICROELECTRONICS-ST662AB Datasheet
839Kb / 20P
DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
03-Aug-2010
ST662ABD-TR STMICROELECTRONICS-ST662ABD-TR Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
More results


Similar Description - ST662A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A_04 Datasheet
359Kb / 13P
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
Apr-2004
ST662AB STMICROELECTRONICS-ST662AB Datasheet
438Kb / 20P
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
16-Jul-2007
ST662AB STMICROELECTRONICS-ST662AB_08 Datasheet
844Kb / 19P
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
19-Feb-2008
ST662AC STMICROELECTRONICS-ST662AC_10 Datasheet
839Kb / 20P
DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
03-Aug-2010
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
12V, 30mA Flash Memory Programming Supply
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com