Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST662A
Description  DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662A Datasheet(HTML) 3 Page - STMicroelectronics

  ST662A Datasheet HTML 1Page - STMicroelectronics ST662A Datasheet HTML 2Page - STMicroelectronics ST662A Datasheet HTML 3Page - STMicroelectronics ST662A Datasheet HTML 4Page - STMicroelectronics ST662A Datasheet HTML 5Page - STMicroelectronics ST662A Datasheet HTML 6Page - STMicroelectronics ST662A Datasheet HTML 7Page - STMicroelectronics ST662A Datasheet HTML 8Page - STMicroelectronics ST662A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, VCC = 4.5V to 5.5V Ta =Tmin to Tmax
unless otherwise specified. Typical Value are referred at Ta =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 0 mA to 20 mA
11.4
12
12.6
V
Vo
Output Voltage
Io = 0 mA to 30 mA VCC = 4.75 to 5.5 V
11.4
12
12.6
V
IQ1
Quiescent Current
No Load, VSHDN = 0
100
500
µA
IQ2
Shutdown Current
No Load, VSHDN =VCC
110
µA
ISH
Shutdown Pin Current
VSHDN = 0V, VCC =5V
VSHDN =VCC =5V
-50
-12
0
-5
µA
µA
Vil
Shutdown Input Low Threshold
0.4
V
Vih
Shutdown Input High
Threshold
2.4
V
fo
Oscillator Frequency
VCC = 5V, Io = 30 mA
400
KHz
ν
Power Efficecy
VCC = 5V, Io =30 mA
72
%
Rsw
VCC -VOUT Switch Impedance
VSHDN =VCC = 5V, Io =100
µA1
2
K
Ω
Do not overload or short the Output to Ground. If the above conditions are observerd, the device may be damaged.
Output Voltage vs Temperature
Supply Current vs Temperature
Output Voltage vs Temperature
Supply Currernt vs Supply Voltage
ST662A
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com