Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662A Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST662A
Description  DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST662A Datasheet HTML 4Page - STMicroelectronics ST662A Datasheet HTML 5Page - STMicroelectronics ST662A Datasheet HTML 6Page - STMicroelectronics ST662A Datasheet HTML 7Page - STMicroelectronics ST662A Datasheet HTML 8Page - STMicroelectronics ST662A Datasheet HTML 9Page - STMicroelectronics ST662A Datasheet HTML 10Page - STMicroelectronics ST662A Datasheet HTML 11Page - STMicroelectronics ST662A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Table 2: List of Components
CAPACITOR
TYPE
VALUE (
µF)
C1A
Ceramic
0.22
C2A
Ceramic
0.22
C1B
Ceramic
0.22
C2B
Ceramic
0.22
C3
Electrolyt ic Tant alum
10
C4
Electrolyt ic Tant alum
10
C5
Ceramic
0.22
Figure 6: Application Circuit for Two ST662A in Parallel
HOW TO INCREASE OUTPUT CURRENT OR
OUTPUT VOLTAGE CAPABILITY
Current capability is limited by Ron of internal
switches. It is possible to increase it connecting in
parallel two or more ST662A devices; each one
of them can supply 30mA. The figure 6 shows the
electric schematic. The capacitors C3, C4 and C5
must be placed very close to the ICs on the
board. If this is not possible, you can place two
different capacitors, each of them of half value,
very close to the respective integrated circuit.
Fig. 8 show the Output Current capability of the
proposed circuit.
If an output voltage greater than 12V is required,
it’s possible to realize the circuit of the following
diagram (figure 7). The relevant Output Current
capability is shown in figure 9 in which is shown
the output voltage vs load current.
ST662A
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com