Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST662A
Description  DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662A Datasheet(HTML) 2 Page - STMicroelectronics

  ST662A Datasheet HTML 1Page - STMicroelectronics ST662A Datasheet HTML 2Page - STMicroelectronics ST662A Datasheet HTML 3Page - STMicroelectronics ST662A Datasheet HTML 4Page - STMicroelectronics ST662A Datasheet HTML 5Page - STMicroelectronics ST662A Datasheet HTML 6Page - STMicroelectronics ST662A Datasheet HTML 7Page - STMicroelectronics ST662A Datasheet HTML 8Page - STMicroelectronics ST662A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vcc
DC Input Voltage to GND
-0.3 to 6
V
SHDN
Shutdown Voltage
-0.3 t o VCC+0.3
V
Io
Output Current Continuous
50
mA
Ptot
Power Dissipation
500
mW
Top
Operating Ambient Temperature Range (for AC SERIES)
(for AB SERIES)
0t o70
-40 t o 85
oC
oC
Tstg
Storage Temperature Range
- 40 t o 150
oC
Absolute Maximum Rating are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
CONNECTION DIAGRAM AND (top view)
PIN CONNECTIONS
Pin No
Symbol
Name and Fun ction
1
C1-
Negative Terminal For The First Charge Pump Capacitor
2
C1+
Positive Terminal For The First Charge Pump Capacitor
3
C2-
Negative Terminal For The Second Charge Pump Capacitor
4
C2+
Positive Terminal For The Second Charge Pump Capacitor
5VCC
Supply Voltage
6VOUT
12V Output Voltage VOUT =VCC When in Sshutdown Mode
7
G ND
Ground
8
SHDN
Active High C-MOS logic level Shutdown Input. SHDN is internally pulled up to
VCC. Connect to GND for Normal Operation. In Shutdown mode the charge
pumps are turned off and VOUT =VCC
ORDERING NUMBERS
Type
DIP-8
SO-8 (*)
ST662AB
ST662ABN
ST662ABD
ST662AC
ST662ACN
ST662ACD
(*) AVAILABLE IN TAPE AND REEL WITH ”-TR” SUFFIX
ST662A
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com