Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NF20V Datasheet(PDF) 1 Page - STMicroelectronics

Part # C5NF20V
Description  N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET™ ll Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C5NF20V Datasheet(HTML) 1 Page - STMicroelectronics

  C5NF20V Datasheet HTML 1Page - STMicroelectronics C5NF20V Datasheet HTML 2Page - STMicroelectronics C5NF20V Datasheet HTML 3Page - STMicroelectronics C5NF20V Datasheet HTML 4Page - STMicroelectronics C5NF20V Datasheet HTML 5Page - STMicroelectronics C5NF20V Datasheet HTML 6Page - STMicroelectronics C5NF20V Datasheet HTML 7Page - STMicroelectronics C5NF20V Datasheet HTML 8Page - STMicroelectronics C5NF20V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2007
Rev 5
1/12
12
STC5NF20V
N-channel 20V - 0.030
Ω - 5A - TSSOP8
2.7V-drive STripFET™ II Power MOSFET
General features
■ Ultra low threshold gate drive (2.7V)
■ Standard outline for easy automated surface
mount assembly
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STC5NF20V
20V
< 0.040
Ω (@ 4.5 V)
< 0.045
Ω (@ 2.7 V)
5A
TSSOP8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STC5NF20V
C5NF20V
TSSOP8
Tape & reel


Similar Part No. - C5NF20V

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
C5N5 HONEYWELL-ACC-C5N5 Datasheet
56Kb / 1P
300A BALANCE CURRENT SENSOR
logo
NXP Semiconductors
C5NPARCH-RM/D NXP-C5NPARCH-RM/D Datasheet
2Mb / 114P
C-3e Network Processor Silicon Revision A1
Rev 03
C5NPARCH-RM/D NXP-C5NPARCH-RM/D Datasheet
2Mb / 114P
C-5e NETWORK PROCESSOR SILICON REVISION A1
Rev 03
logo
Freescale Semiconductor...
C5NPD0-DS FREESCALE-C5NPD0-DS Datasheet
2Mb / 100P
C-5 Network Processor Silicon Revision D0
logo
NXP Semiconductors
C5NPD0-DS NXP-C5NPD0-DS Datasheet
2Mb / 100P
C-5 NETWORK PROCESSOR SILICON REVISION D0
Rev 04
More results

Similar Description - C5NF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET™ II POWER MOSFET
Feb-2003
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Aug-2002
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET™ II POWER MOSFET
May-2002
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
Jun-2003
STC5DNF30V STMICROELECTRONICS-STC5DNF30V Datasheet
255Kb / 12P
Dual N-channel 30V - 0.032Ω - 4.5A - TSSOP8 2.7V-Driver STripFET™ Power MOSFET
11-Apr-2006
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
Feb-2003
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
13-Nov-2006
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
N-channel 30V - 0.027Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
08-Aug-2006
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
N-channel 20V - 0.030Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
25-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com