Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 81Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 82Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 83Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 84Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 85Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 86Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 87Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 88Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 125 page
background image
ST7LITE0x, ST7LITESx
85/125
13.3.2 Operating Conditions with Low Voltage Detector (LVD)
TA = -40 to 85°C, unless otherwise specified
Notes:
1. Not tested in production.
2. Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on and LVD reset.
When the VDD slope is outside these values, the LVD may not ensure a proper reset of the MCU.
13.3.3 Auxiliary Voltage Detector (AVD) Thresholds
TA = -40 to 85°C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.00 1)
3.40 1)
2.65 1)
4.25
3.60
2.90
4.50
3.80
3.15
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.80
3.20
2.40
4.05
3.40
2.70
4.30 1)
3.65 1)
2.90 1)
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
2)
20
20000
µs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
150
ns
IDD(LVD)
LVD/AVD current consumption
220
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1=>0 AVDF flag toggle threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.40
3.90
3.20
4.70
4.10
3.40
5.00
4.30
3.60
V
VIT-(AVD)
0=>1 AVDF flag toggle threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
4.30
3.70
2.90
4.60
3.90
3.20
4.90
4.10
3.40
Vhys
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
150
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activation
VDD fall
0.45
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com