Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 45Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 46Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 47Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 48Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 49Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 50Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 51Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 52Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
ST7LITE0x, ST7LITESx
49/125
11 ON-CHIP PERIPHERALS
11.1 LITE TIMER (LT)
11.1.1 Introduction
The Lite Timer can be used for general-purpose
timing functions. It is based on a free-running 8-bit
upcounter with two software-selectable timebase
periods, an 8-bit input capture register and watch-
dog function.
11.1.2 Main Features
■ Realtime Clock
– 8-bit upcounter
– 1 ms or 2 ms timebase period (@ 8 MHz fOSC)
– Maskable timebase interrupt
■ Input Capture
– 8-bit input capture register (LTICR)
– Maskable interrupt with wakeup from Halt
Mode capability
■ Watchdog
– Enabled by hardware or software (configura-
ble by option byte)
– Optional reset on HALT instruction (configura-
ble by option byte)
– Automatically resets the device unless disable
bit is refreshed
– Software reset (Forced Watchdog reset)
– Watchdog reset status flag
Figure 30. Lite Timer Block Diagram
LTCSR
WATCHDOG
8-bit UPCOUNTER
/2
8-bit
fLTIMER
fWDG
8
LTIC
fOSC/32
WDGD
WDGE
WDG
TBF
TBIE
TB
ICF
ICIE
WATCHDOG RESET
LTTB INTERRUPT REQUEST
LTIC INTERRUPT REQUEST
LTICR
INPUT CAPTURE
REGISTER
1
0
1 or 2 ms
Timebase
(@ 8 MHz
fOSC)
To 12-bit AT TImer
fLTIMER
RF
0
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com