Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products MAX712C/D Datasheet HTML 12Page - Maxim Integrated Products MAX712C/D Datasheet HTML 13Page - Maxim Integrated Products MAX712C/D Datasheet HTML 14Page - Maxim Integrated Products MAX712C/D Datasheet HTML 15Page - Maxim Integrated Products MAX712C/D Datasheet HTML 16Page - Maxim Integrated Products MAX712C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
14
______________________________________________________________________________________
The voltage-slope, fast-charge termination circuitry
might become disabled if attempting to charge a
different number of cells than the number programmed.
The switching frequency (nominally 30kHz) can be
decreased by increasing the value of the capacitor
connected between CC and BATT-. Make sure that
the two capacitors connected to the CC node are
placed as close as possible to the CC pin on the
MAX712/MAX713 and that their leads are of minimum
length. The CC node is a high-impedance point, so do
not route logic lines near the CC pin. The circuit of
Figure 19 cannot service a load while charging.
Order the MAX713SWEVKIT-SO for quick evaluation of
the MAX712/MAX713 in switch-mode operation. For
more information on switch-mode operation and
ordering information for external components, order the
MAX713EVKIT data sheet.
Battery-Charging Examples
Figures 13 and 14 show the results of charging 3 AA,
1000mAh, NiMH batteries from Gold Peak (part no.
GP1000AAH, GP Batteries (619) 438-2202) at a 1A rate
using the MAX712 and MAX713, respectively. The
Typical Operating Circuit is used with Figure 9a’s
thermistor configuration .
DC IN = Sony AC-190 +9VDC at 800mA AC-DC adapter
PGM0 = V+, PGM1 = REF, PGM2 = REF, PGM3 = REF
R1 = 200
Ω, R2 = 150Ω, RSENSE = 0.25Ω
C1 = 1µF, C2 = 0.01µF, C3 = 10µF, VLIMIT = REF
R3 = 10k
Ω, R4 = 15kΩ
T1, T2 = part #14A1002 (Alpha Sensors: 858-549-4660) R5
omitted, T3 omitted, TLO = BATT-
11
6
5
0
200
600
1000
7
10
400
800
9
8
LOW PEAK
HIGH PEAK
120Hz
RIPPLE
LOAD CURRENT (mA)
Figure 11. Sony CD Player AC Adapter AC-96N Load
Characteristic, 9VDC 600mA
4.3
4.2
030
90
4.5
5.0
4.9
4.7
4.4
60
TIME (MINUTES)
4.8
4.6
∆V
∆t
CUTOFF
26
24
30
40
38
34
28
36
32
V
T
MAX712/713
Figure 13. 3 NiMH Cells Charged with MAX712
10
8
0
200
600
12
18
400
LOAD CURRENT (mA)
800
16
14
HIGH PEAK
LOW PEAK
120Hz
RIPPLE
Figure 12. Panasonic Modem AC Adapter KX-A11 Load
Characteristic, 12VDC 500mA
4.3
4.2
030
90
4.5
5.0
4.9
4.7
4.4
MAX712/713
60
TIME (MINUTES)
4.8
4.6
26
24
30
40
38
34
28
36
32
∆V
∆t
CUTOFF
V
T
Figure 14. NiMH Cells Charged with MAX713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com