Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX712C/D Datasheet HTML 1Page - Maxim Integrated Products MAX712C/D Datasheet HTML 2Page - Maxim Integrated Products MAX712C/D Datasheet HTML 3Page - Maxim Integrated Products MAX712C/D Datasheet HTML 4Page - Maxim Integrated Products MAX712C/D Datasheet HTML 5Page - Maxim Integrated Products MAX712C/D Datasheet HTML 6Page - Maxim Integrated Products MAX712C/D Datasheet HTML 7Page - Maxim Integrated Products MAX712C/D Datasheet HTML 8Page - Maxim Integrated Products MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX712/MAX713 fast-charge Nickel Metal Hydride
(NiMH) and Nickel Cadmium (NiCd) batteries from a DC
source at least 1.5V higher than the maximum battery
voltage. 1 to 16 series cells can be charged at rates up
to 4C. A voltage-slope detecting analog-to-digital convert-
er, timer, and temperature window comparator determine
charge completion. The MAX712/MAX713 are powered
by the DC source via an on-board +5V shunt regulator.
They draw a maximum of 5µA from the battery when not
charging. A low-side current-sense resistor allows the
battery charge current to be regulated while still
supplying power to the battery’s load.
The MAX712 terminates fast charge by detecting zero
voltage slope, while the MAX713 uses a negative
voltage-slope detection scheme. Both parts come in 16-
pin DIP and SO packages. An external power PNP tran-
sistor, blocking diode, three resistors, and three
capacitors are the only required external components.
For high-power charging requirements, the MAX712/
MAX713 can be configured as a switch-mode battery
charger that minimizes power dissipation. Two evaluation
kits are available: Order the MAX712EVKIT-DIP for quick
evaluation of the linear charger, and the MAX713EVKIT-
SO to evaluate the switch-mode charger.
________________________Applications
Battery-Powered Equipment
Laptop, Notebook, and Palmtop Computers
Handy-Terminals
Cellular Phones
Portable Consumer Products
Portable Stereos
Cordless Phones
Features
o Fast-Charge NiMH or NiCd Batteries
o Voltage Slope, Temperature, and Timer
Fast-Charge Cutoff
o Charge 1 to 16 Series Cells
o Supply Battery’s Load While Charging
(Linear Mode)
o Fast Charge from C/4 to 4C Rate
o C/16 Trickle-Charge Rate
o Automatically Switch from Fast to Trickle Charge
o Linear or Switch-Mode Power Control
o 5µA (max) Drain on Battery when Not Charging
o 5V Shunt Regulator Powers External Logic
NiCd/NiMH Battery
Fast-Charge Controllers
________________________________________________________________ Maxim Integrated Products
1
MAX712
MAX713
THI
R2
150
Ω
R3
68k
Ω
R4
22k
Ω
R1
10
µF
C4
0.01
µF
C1
1
µF
C3
10
µF
C2
0.01
µF
DRV
Q1
2N6109
DC IN
WALL
CUBE
SEE FIGURE 19 FOR SWITCH-MODE CHARGER CIRCUIT.
D1
1N4001
BATTERY
RSENSE
V+
VLIMIT
BATT+
REF
TEMP
BATT- TLO GND
CC
LOAD
Typical Operating Circuit
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
REF
V+
DRV
GND
BATT-
CC
PGM3
PGM2
VLIMIT
BATT+
PGM0
PGM1
THI
TLO
TEMP
FASTCHG
TOP VIEW
MAX712
MAX713
DIP/SO
Pin Configuration
19-0100; Rev 5; 4/02
PART
MAX712CPE
MAX712CSE
MAX712C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883.
MAX712EPE
MAX712ESE
MAX712MJE
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 CERDIP**
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX712C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712C/D MAXIM-MAX712C/D Datasheet
168Kb / 18P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX712C/D MAXIM-MAX712C/D Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
More results

Similar Description - MAX712C/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
Texas Instruments
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com