Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5330-2.7/2.7YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5330-2.7/2.7YML
Description  Dual, 300mA UCap LDO in 2mm x 2mm MLF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-2.7/2.7YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5330-2.7/2.7YML Datasheet HTML 1Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC5330
August 2006
5
M9999-080306
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................0V to +6V
Enable Input Voltage (VEN)...........................0V to +6V
Power Dissipation...........................Internally Limited
(3)
Lead Temperature (soldering, 3sec ...................260°C
Storage Temperature (TS)................. -65°C to +150°C
ESD Rating
(4) .........................................................2kV
Operating Ratings(2)
Supply voltage (VIN)............................... +2.3V to +5.5V
Enable Input Voltage (VEN).............................. 0V to VIN
Junction Temperature ......................... -40°C to +125°C
Junction Thermal Resistance
MLF-8 (
θJA) ............................................... 90°C/W
Electrical Characteristics(5)
VIN = EN1 = EN2 = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF;
CBYP = 0.1µF; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 300mA
0.5
%
Dropout Voltage (Note 6)
IOUT = 100µA
IOUT = 100mA
IOUT = 150mA
IOUT = 300mA
0.1
25
35
75
75
100
200
mV
mV
mV
mV
Ground Current
EN1 = High; EN2 = Low; IOUT = 100µA to 300mA
EN1 = Low; EN2 = High; IOUT = 100µA to 300mA
EN1 = EN2 = High; IOUT1 = 300mA, IOUT2 = 300mA
85
85
150
120
120
200
µA
µA
µA
Ground Current in Shutdown
EN1 = EN2 = 0V
0.01
2
µA
Ripple Rejection
f = 1kHz; COUT = 1.0µF; CBYP = 0.1µF
f = 20kHz; COUT = 1.0µF; CBYP = 0.1µF
70
65
dB
dB
Current Limit
VOUT = 0V
350
550
950
mA
Output Voltage Noise
COUT = 1.0µF; CBYP = 0.1µF; 10Hz to 100kHz
30
µVRMS
Enable Inputs (EN1 / EN2)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.1
V
VIL ≤ 0.2V
0.01
µA
Enable Input Current
VIH ≥ 1.0V
0.01
µA
Turn-on Time (See Timing Diagram)
Turn-on Time (LDO1 and 2)
COUT = 1.0µF; CBYP = 0.01µF
30
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.3V, the dropout voltage is the input-to-output differential with the minimum input voltage 2.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com