Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5330-2.7/2.7YML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5330-2.7/2.7YML
Description  Dual, 300mA UCap LDO in 2mm x 2mm MLF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-2.7/2.7YML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5330-2.7/2.7YML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 9Page - Micrel Semiconductor MIC5330-2.7/2.7YML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC5330
August 2006
7
M9999-080306
Functional Characteristics
Enable Turn-On
Time (10µs/div)
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
CBYP = 0.01µF
Load Transient
Time (20µs/div)
300mA
10mA
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
CBYP = 0.1µF
Line Transient
Time (40µs/div)
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
CBYP = 0.1µF
IOUT = 10mA
4V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com