Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP6NC60HD Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGP6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP6NC60HD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGP6NC60HD Datasheet HTML 9Page - STMicroelectronics STGP6NC60HD Datasheet HTML 10Page - STMicroelectronics STGP6NC60HD Datasheet HTML 11Page - STMicroelectronics STGP6NC60HD Datasheet HTML 12Page - STMicroelectronics STGP6NC60HD Datasheet HTML 13Page - STMicroelectronics STGP6NC60HD Datasheet HTML 14Page - STMicroelectronics STGP6NC60HD Datasheet HTML 15Page - STMicroelectronics STGP6NC60HD Datasheet HTML 16Page - STMicroelectronics STGP6NC60HD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STGB6NC60HD - STGP6NC60HD - STGF6NC60HD
16/17
6
Revision history
Table 8.
Revision history
Date
Revision
Changes
28-Nov-2005
1
First Release
07-Mar-2006
2
Complete version
31-Jul-2006
3
Modified Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com