Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP6NC60HD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP6NC60HD Datasheet(HTML) 3 Page - STMicroelectronics

  STGP6NC60HD Datasheet HTML 1Page - STMicroelectronics STGP6NC60HD Datasheet HTML 2Page - STMicroelectronics STGP6NC60HD Datasheet HTML 3Page - STMicroelectronics STGP6NC60HD Datasheet HTML 4Page - STMicroelectronics STGP6NC60HD Datasheet HTML 5Page - STMicroelectronics STGP6NC60HD Datasheet HTML 6Page - STMicroelectronics STGP6NC60HD Datasheet HTML 7Page - STMicroelectronics STGP6NC60HD Datasheet HTML 8Page - STMicroelectronics STGP6NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGB6NC60HD - STGP6NC60HD - STGF6NC60HD
Electrical ratings
3/17
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK/TO-220 TO-220FP
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula::
Collector current (continuous) at TC = 25°C
15
6
A
IC
(1)
Collector current (continuous) at TC = 100°C
73
A
ICM
(2)
2.
Pulse width limited by max junction temperature
Collector current (pulsed)
21
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at Tc=25°C
10
A
PTOT
Total dissipation at TC = 25°C
56
20
W
VISO
Insulation withstand voltage A.C.(t=1sec;Tc=25°C)
--
2500
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Tl
Maximum lead temperature for soldering purpose
(for 10sec. 1.6 mm from case)
300
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
TO-220
D²PAK
2
2
°C/W
°C/W
TO-220FP
5°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESAT MAX
()
T
C
I
C
,
()
×
------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com