Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD14NC60K Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD14NC60K
Description  N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD14NC60K Datasheet(HTML) 1 Page - STMicroelectronics

  STGD14NC60K Datasheet HTML 1Page - STMicroelectronics STGD14NC60K Datasheet HTML 2Page - STMicroelectronics STGD14NC60K Datasheet HTML 3Page - STMicroelectronics STGD14NC60K Datasheet HTML 4Page - STMicroelectronics STGD14NC60K Datasheet HTML 5Page - STMicroelectronics STGD14NC60K Datasheet HTML 6Page - STMicroelectronics STGD14NC60K Datasheet HTML 7Page - STMicroelectronics STGD14NC60K Datasheet HTML 8Page - STMicroelectronics STGD14NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 1
1/16
16
STGB14NC60K
STGD14NC60K
N-channel 14A - 600V -DPAK - D2PAK
Short circuit rated PowerMESH™ IGBT
General features
■ Low on-voltage drop (Vcesat)
■ Low Cres / Cies ratio ( no cross conduction
susceptibility)
■ Short circuit withstand time 10µs
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the Power
MESH™ IGBTs, with outstanding performances.
The suffix “K” identifies a family optimized for high
frequency motor control applications with short
circuit withstand capability.
Applications
■ High frequency inverters
■ Motor drivers with short circuit protection
Internal schematic diagram
Type
VCES
VCE(sat)
(Max)@ 25°C
IC
@100°C
STGB14NC60K
600V
<2.5V
14A
STGD14NC60K
600V
<2.5V
14A
1
3
1
3
D²PAK
DPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STGB14NC60KT4
GB14NC60K
D²PAK
Tape & reel
STGD14NC60KT4
GD14NC60K
DPAK
Tape & reel


Similar Part No. - STGD14NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10HF60KD STMICROELECTRONICS-STGD10HF60KD Datasheet
760Kb / 21P
Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
15-Sep-2015
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
02-Apr-2007
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGD10NC60K STMICROELECTRONICS-STGD10NC60K Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
More results

Similar Description - STGD14NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
22-Jul-2005
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
28-Apr-2006
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
07-Feb-2007
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
02-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com