Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD14NC60K Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD14NC60K
Description  N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD14NC60K Datasheet(HTML) 3 Page - STMicroelectronics

  STGD14NC60K Datasheet HTML 1Page - STMicroelectronics STGD14NC60K Datasheet HTML 2Page - STMicroelectronics STGD14NC60K Datasheet HTML 3Page - STMicroelectronics STGD14NC60K Datasheet HTML 4Page - STMicroelectronics STGD14NC60K Datasheet HTML 5Page - STMicroelectronics STGD14NC60K Datasheet HTML 6Page - STMicroelectronics STGD14NC60K Datasheet HTML 7Page - STMicroelectronics STGD14NC60K Datasheet HTML 8Page - STMicroelectronics STGD14NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STGB14NC60K - STGD14NC60K
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25°C
25
A
IC
(1)
Collector current (continuous) at TC = 100°C
14
A
ICL
(2)
2.
Vclamp = 480V, Tj =150°C, RG = 10Ω, VGE = 15V
Collector current (pulsed)
50
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25°C
80
W
tscw
Short circuit withstand time, VCE = 0.5VBR(CES) ,
Tj = 125°C, RG = 10Ω, VGE = 12V
10
µs
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
1.25
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
°C/W
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESAT MAX
()
T
C
I
C
,
()
×
------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com