Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH802B
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802B Datasheet(HTML) 1 Page - STMicroelectronics

  STTH802B Datasheet HTML 1Page - STMicroelectronics STTH802B Datasheet HTML 2Page - STMicroelectronics STTH802B Datasheet HTML 3Page - STMicroelectronics STTH802B Datasheet HTML 4Page - STMicroelectronics STTH802B Datasheet HTML 5Page - STMicroelectronics STTH802B Datasheet HTML 6Page - STMicroelectronics STTH802B Datasheet HTML 7Page - STMicroelectronics STTH802B Datasheet HTML 8Page - STMicroelectronics STTH802B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2006
Rev 2
1/11
STTH802
Ultrafast recovery diode
Main product characteristics
Features and benefits
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery time
■ High junction temperature
Description
The STTH802 uses ST's new 200 V planar Pt
doping technology, and is specially suited for
switching mode base drive and transistor circuits.
Packaged in TO-220AC, TO-220FPAC, DPAK,
and D2PAK this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection.
Order codes
IF(AV)
8 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.8 V
trr (typ)
17 ns
Part Number
Marking
STTH802D
STTH802
STTH802FP
STTH802
STTH802B
STTH802
STTH802B-TR
STTH802
STTH802G
STTH802
STTH802G-TR
STTH802
TO-220AC
STTH802D
DPAK
STTH802B
TO-220FPAC
STTH802FP
A
A
A
K
K
K
K
A
A
K
K
NC
NC
DPAK
STTH802G
2
www.st.com


Similar Part No. - STTH802B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
Low forward and reverse recovery time
November 2016 Rev 3
STTH802CB STMICROELECTRONICS-STTH802CB Datasheet
103Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
STTH802CB-TR STMICROELECTRONICS-STTH802CB-TR Datasheet
103Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
STTH802CFP STMICROELECTRONICS-STTH802CFP Datasheet
103Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
More results

Similar Description - STTH802B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com